|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
80143 1.0 Watts, 15 Volts, Class A Linear to 2300 MHz GENERAL DESCRIPTION The 80143 is a COMMON EMITTER transistor capable of providing 1.0 Watts of Class A, RF output power to 2300 MHz. This transistor is specifically designed for general Class A amplifier applications. It utilizes gold metalization and diffused ballasting to provide high reliability and supreme ruggedness. The transistor uses a fully hermetic High Temperature Solder Sealed package. CASE OUTLINE 55BT, STYLE 2 ABSOLUTE MAXIMUM RATINGS Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 4.5 Watts 50 Volts 3.5 Volts 0.6 Amps - 65 to + 200 oC + 200 oC ELECTRICAL CHARACTERISTICS @ 25 OC SYMBOL Pout Pin Pg Ft VSWR CHARACTERISTICS Power Out Power Input Power Gain Transition Frequency Load Mismatch Tolerance TEST CONDITIONS F = 2.3 GHz Ic = 200 mA Vcc = 15 Volts Vce = 15V, Ic =200 mA MIN 1.0 0.125 9.0 4.2 10.0 4.5 10:1 TYP MAX UNITS Watts Watts dB GHz BVebo BVces BVceo hFE Cob jc Emitter to Base Breakdown Collector to Emitter Breakdown Collector to Emitter Breakdown DC Current Gain Capacitance Thermal Resistance Ie = 2 mA Ic = 20 mA Ic = 20 mA Vce = 5 V, Ic = 200 mA Vcb = 28V, f = 1 MHz 3.5 50 20 20 3.4 30 Volts Volts Volts pF C/W o Initial Issue June, 1994 GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY. GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120 80143 80143-1 (15V, 200mA) MMICAD for Windows Fri Aug 26 16:33:49 1994 CIRCUIT: MES FREQ --- S11 --MHz MAG ANG 0.100 0.74523 -139.072 0.200 0.83904 -160.387 0.300 0.86349 -169.532 0.400 0.86945 -175.151 0.500 0.87126 -179.220 0.600 0.87258 177.456 0.700 0.87336 174.600 0.800 0.87406 172.167 0.900 0.87451 169.727 1.000 0.87453 167.348 1.100 0.87250 165.042 1.200 0.87116 162.788 1.300 0.86967 160.535 1.400 0.86986 158.314 1.500 0.86824 155.918 1.600 0.86604 153.421 1.700 0.86184 150.901 1.800 0.85937 148.379 1.900 0.85612 145.720 2.000 0.85458 143.071 2.100 0.85286 140.202 2.200 0.84763 137.149 2.300 0.84009 133.993 2.400 0.83220 131.013 2.500 0.82465 128.048 2.600 0.82067 124.938 2.700 0.81483 121.427 2.800 0.80880 117.847 2.900 0.79979 114.017 3.000 0.79177 110.076 --- S21 --MAG ANG 23.1569 122.888 13.2482 102.204 9.16285 88.7446 6.95469 80.6123 5.58335 74.7734 4.65226 68.6924 3.98221 61.9474 3.47879 56.5060 3.09034 51.3262 2.78319 46.4507 2.52784 41.6152 2.31762 36.8549 2.13966 32.1575 1.98768 27.4928 1.85641 22.8336 1.74081 18.2254 1.63766 13.6683 1.54533 9.18261 1.46274 4.78123 1.39093 0.39241 1.32681 -4.05113 1.26508 -8.50524 1.20767 -12.7453 1.15845 -16.8963 1.11640 -20.9442 1.07896 -25.1542 1.04441 -29.3750 1.01308 -33.6115 0.98350 -37.9183 0.95667 -42.2425 --- S12 --MAG ANG 0.02130 38.6374 0.02481 21.9060 0.02580 16.4347 0.02656 14.7851 0.02687 14.2935 0.02714 13.6292 0.02780 13.7272 0.02858 14.7467 0.02910 14.9821 0.02988 15.5773 0.03071 15.8776 0.03160 15.8605 0.03283 16.4435 0.03400 16.6297 0.03539 17.2656 0.03715 17.0624 0.03858 17.1415 0.04023 16.2272 0.04221 16.4217 0.04425 15.7298 0.04756 14.6697 0.04983 12.8878 0.05193 10.6982 0.05368 8.83368 0.05551 7.95492 0.05751 6.83706 0.06047 5.84021 0.06346 4.53989 0.06665 2.84239 0.07059 1.12060 --- S22 --MAG ANG 0.63665 -59.3430 0.41262 -79.9929 0.33897 -90.5201 0.31507 -97.6573 0.31273 -103.182 0.32109 -107.892 0.33588 -112.258 0.35353 -116.149 0.37354 -119.802 0.39486 -123.289 0.41654 -126.688 0.43867 -129.991 0.45927 -133.270 0.47936 -136.529 0.49878 -139.661 0.51780 -142.847 0.53552 -145.989 0.55225 -149.096 0.56783 -152.155 0.58247 -155.087 0.59834 -158.056 0.61184 -161.166 0.62395 -163.961 0.63750 -166.655 0.65178 -169.272 0.66487 -172.024 0.67664 -174.598 0.68926 -177.140 0.70128 -179.771 0.71196 177.606 |
Price & Availability of 80143 |